Part Number Hot Search : 
KK4028B PUMF11 MHF2815D MP158 SA211 00BZX PSPW150 04447
Product Description
Full Text Search
 

To Download MBRF10H150CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art ? low power loss, high efficiency ? high current capability, low forward voltage drop ? guard-ring for overvoltage protection mechanical data mbrf10hxxct = specific device code g = green compound y = year ww = work week maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% symbol unit v rrm v v rms v v dc v i rrm a ua ma dv/dt v/us r jc o c/w t j o c t stg o c voltage rate of change,(rated v r ) 10000 note 2: pulse test : 300us pulse width, 1% duty cycle - 65 to + 175 note 1: 2.0us pulse width, f=1.0khz operating temperature range storage temperature range - 65 to + 175 150 105 150 140 200 1 mbrf10h100ct - mbrf10h200ct 10.0amps isolated schottky barrier rectifiers mbrf 10h100ct mbrf 10h150ct mbrf 10h200ct marking diagram dimensions in inches and (millimeters) ? high temperature soldering guaranteed: 260 /10 seconds/.25", (6.35mm) from case 70 5 0.97 0.85 0.88 0.75 maximum reverse current @ rated v r t a =25 t a =125 i r maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum instantaneous forward voltage (note 2) if=5a, t a =25 if=5a, t a =125 if=10a, t a =25 if=10a, t a =125 v f peak repetitive reverse surge current (note 1) v ? for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications ito-220ab 3.5 0.85 0.75 0.95 0.85 1 features ? high surge capability ? metal silicon junction, majority carrier conduction ? ul recognized file # e-326243 ? plastic material used carriers underwriters laboratory classification 94v-0 ? weight: 1.73 grams typical thermal resistance type number 100 200 0.5 version:e11 ? green compound with suffix "g" on packing code & prefix "g" on datecode maximum average forward rectified current at t c =125 i f(av) 10 ? polarity: as marked ? mounting torque: 5 in. - lbs, max ? mounting position:any ? terminals: pure tin plated, lead free, solderable per mil-std-750, method 2026 ? case: ito-220ab molded plastic body 100 a peak repetitive surge current (rated v r , square wave, 20khz) at tc=133 i frm 10 a peak forward surge current, 8.3 ms single half sine- wave superimposed on rated load (jedec method) i fsm 120 a pb rohs compliance rohs compliance
version:e11 ratings and characteristic curves (mbrf10h100ct thru mbrf10h200ct) fig.1 forward current derating curve 0 2 4 6 8 10 12 50 60 70 80 90 100 110 120 130 140 150 160 170 180 case temperature ( o c) average forward a current (a) resistive or inductiveloa fig. 2 maximum non-repetitive forward surge current 0 30 60 90 120 150 180 1 10 100 number of cycles at 60 hz peak forward surge a current (a) 8.3ms single half sine wave jedec method fig. 4 typical reverse characteristics 0.0001 0.001 0.01 0.1 1 10 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage (%) instantaneous reverse a current (ma) ta=75 ta=125 ta=25 fig. 5 typical junction capacitance 100 200 300 400 500 600 700 800 900 1000 0.1 1 10 100 reverse voltage (v) junction c apacitance (pf) a fig. 3 typical forward characterisrics 0.1 1 10 100 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 forward voltage (v) instantaneous forward a current (a) ta=25 pulse width=300us 1% duty cycle ta=125 ta=25 0.1 1 10 100 0.01 0.1 1 10 100 t-pulse duration(s) transient thermal impedance( /w)


▲Up To Search▲   

 
Price & Availability of MBRF10H150CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X